PART |
Description |
Maker |
LTC3701EGN LTC3701EGNPBF LTC3701-15 |
2-Phase/ Low Input Voltage/ Dual Step-Down DC/DC Controller 2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 890 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3802EGN LTC3802EUH LTC3802EGNTRPBF LTC3802-15 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, 850 kHz SWITCHING FREQ-MAX, PDSO28 Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
|
Linear Technology Corporation Linear Technology, Corp.
|
ISL6440 ISL6440IAZ-T ISL6440IAZ-TK ISL6440IA ISL64 |
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller 0.4 A DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PDSO24
|
Intersil, Corp. Intersil Corporation http://
|
SC2446AITSTRT SC2446AEVB |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
SC2446A |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
LTC3827IG-1-PBF LTC3827-1 LTC3827IG-1 LTC3827IG-1- |
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 650 kHz SWITCHING FREQ-MAX, PDSO28
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
SC245007 SC2450ISWTR SC2450EVB |
BI-Phase/Dual Controller
|
Semtech Corporation
|
MAX8760ETL-T |
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, QCC40
|
Maxim Integrated Products, Inc.
|
LTC1702CGNPBF LTC1702CGNTR LTC1702CGNTRPBF LTC1702 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SOT; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24 Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|
SC450ITSTRT |
Dual Phase Power Supply Controller
|
Semtech Corporation
|
LTC3802 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller
|
Linear Technology
|